Part Number Hot Search : 
SC470 BZM55C43 STM9435 XXXGPX AS8501 MAX11 MT9173 330M35
Product Description
Full Text Search
 

To Download 502579-0000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/01/2010 please check www.molex.com for latest part information part number: 5025790000 status: active overview: clikmate_wiretoboard_connectors description: 1.50mm (.059") pitch clik-mate? wire-to-board crimp terminal, chain documents: 3d model product specification ps-503175-001 (pdf) drawing (pdf) product specification ps-503339-001 (pdf) application specification (pdf) product specification ps-503395-001 (pdf) product specification ps-502584-001 (pdf) rohs certificate of compliance (pdf) product specification ps-503159-001 (pdf) general product family crimp terminals series 502579 crimp quality equipment yes overview clikmate_wiretoboard_connectors product name clik-mate? physical durability (mating cycles max) 30 gender plug material - metal copper alloy material - plating mating tin material - plating termination tin packaging type reel termination interface: style crimp or compression wire insulation diameter 0.80-1.20mm (.031-.047") wire size awg 24, 26, 28 wire size mm2 n/a electrical current - maximum per contact 2a voltage - maximum 100v ac (rms)/dc material info reference - drawing numbers application specification as-502578-001, as-502578-002, as-503149-001, as-503395-001 packaging specification spk-502579-001 product specification ps-502584-001, ps-503159-001, ps-503175-001, ps-503339-001, ps-503395-001, rps-502584-002, rps-502584-003, rps-502584-004, rps-502584-005, rps-502584-006, rps-502585-002, rps-503154-006, rps-503159-001, rps-503159-003, rps-503175-001, rps-503175-002, rps-503339-001 sales drawing sd-502579-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 502579 series mates with 502584 vertical pcb receptacle . 502585 right angle pcb receptacle use with 502578 housing application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # fine adjust applicator for 1.50mm (.059" 0639011500 t2 terminator for 1.50mm (.059") pitch 0639111500
clik-mate? wire- to-board terminal extractor tool for 1.50mm (.059") pitch clik-mate? wire-to-board crimp terminal 0638133700 hand crimp tool for clik-mate? wire- to-board terminal, 24-28 awg 0638194600 this document was generated on 06/01/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 502579-0000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X